Part Number Hot Search : 
M4S12ZBJ 15N100 C1500 KA393AS AT91SAM SMC33CA MAX985 A05103
Product Description
Full Text Search
 

To Download PCA-6011G2-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  slot sbc & passive backplanes features ddr3 1066 max 4gb lpt fdd com2 com1 usb * 8 sata * 4 ide lan2 lan1 vga1 kbms1 lpc1 hdaud1 ich7/ich7r g41 core 2 quad fsb 1333 mhz processors pca-6011 lga775 intel ? core?2 quad sbc with vga/dual gbe lan ? compliant with picmg 1.0 ? supports lga 775 intel ? core?2 quad fsb 1333 mhz processors ? supports dual channel ddr3 1066 sdram up to 4 gb ? dual gbe lan via two pcie x1 lane ? 2 com ports, 4 sata ports, 8 usb ports specifcations processor system cpu (45nm/65nm) intel core 2 quad intel core 2 duo intel pentium intel celeron max speed q9650 3.0 ghz e8500 3.16 ghz e6500 2.93 ghz e1500 2.2 ghz l2 cache 12 mb 6 m 8 m 512 kb chipset intel g41 + ich7/ich7r (only for g2 sku) bios ami 16 mb spi flash fsb 800/1066/1333 mhz bus pci 32 bit/33 mhz pci isa hisa (isa high driver) memory technology dual-channel ddr3 800/1066 mhz dimms max. cap. 4 gb socket 240-pin dimm x 2 graphics controller intel graphics media accelerator x4500 vram shared with system memory up to 352 mb video output 15-pin vga d-sub connector x1/dvi connector x1 (optional) ethernet interface 10/100/1000 mbps controller intel 82583 v connector rj-45 with led connector x 2 (g2 sku), x1 (vg sku) sata bandwidth 300 mb/s channel 4 ports raid 0, 1, 5, 10 (only for g2 sku) eide mode ata 100/66/33 channel 1 (supports up to 2 ide devices; master device is alternative for cf socket) cf (optional) i/o interface usb 2.0 8 ports by pin header(vg sku); 6 ports by pin header/1 port on bracket i/o (g2 sku) serial 2 rs-232 on board pin-headers, plus for ports of rs-485 with auto-fow control by module (optional, advantech p/n: pca-com485-00a1e) parallel 1 (epp/ecp/spp) fdd 1 ps/2 1 (for mouse and keyboard, y cable is included in the package) watchdog timer output system reset interval programmable, 1~255 sec/min miscellaneous audio output intel high defnition audio interface (requires an audio extension module p/n: pca-audio-hda1e) power requirement cpu confguration1: core 2 quad q9400 (3.0 g, 95 w) + ddr3 1066 2 g x2 voltage +12 v +5 v +3.3 v +5 vsb -12 v -5 v curent 5.14 a 4.04 a 0 a 0.17 a 0 a 0 a cpu confguration 2: core2 duo e8400 (3.0g, 65w) + ddr3 1066 2 gb x2 voltage +12 v +5 v +3.3 v +5 vsb -12 v -5 v curent 3.63 a 3.4 a 0 a 0.15 a 0 a 0 a environment operating non-operating temperature 0 ~ 60 c(32 ~ 140 f), (operating humidity: 40 c @ 85% rh non-condensing) -40 c ~ 85 c and 60 c @ 95% rh non-condensing physical dimensions 338 mm (l) x 122 mm (w) (13.3" x 4.8") rohs compliant 2002/95/ec watchdog gpio monitoring embedded security id esos (requires bios customization) software apis: utilities: h/w monitor all product specifications are subject to change without notice last updated : 20-jun-2012
www.advantech.com/products online download block diagram pca-6011 ordering information part number lan vga com sata s/w raid usb dvi cf pca-6011vg-00a1e single gbe yes 2 4 - 8 no (optional) no (optional) PCA-6011G2-00A1E dual gbe yes 2 4 yes 7 no (optional) no (optional) bracket view pca-6011vg-00a1e packing list part number description quantity 1701400452 ide hdd cable x 1 1700008461 usb cable with 4 ports x 1 1703150102 serial ata hdd power cable x 2 1700003194 serial ata hdd data cable x 2 1700060202 y-cable for ps/2 mouse & keyboard x 1 1701260305 printer + com cable x 1 9689000068 jumper pack x 1 - warranty card x 1 - startup manual x 1 - utility cd x 1 optional accessories part number description 1750000332 lga 775 cpu cooler for 115 w tdp cpus pca-audio-hda1e audio extension module 1701090401 single com cable kitt pca-com485-00a1e 4 x 422/485 com module PCA-6011G2-00A1E i n t e l l ga 7 7 5 c 2 q / c 2 d g 4 1 g m ch i ch7 / i ch7 r d d r 3 8 0 0 / 1 0 6 6 d d r 3 8 0 0 / 1 0 6 6 crt dvi (optional) g-la n 1 i n t e l 8 2 5 8 3 v g-la n 2 i n t e l 8 2 5 8 3 v p c i t o i s a b r i d g e i t e 8 8 8 8 b ac k p lan e ( p i c m g 1 . 0 ) i d e 4 s a t a i i p o r t s 8 u sb p o r t s h d a u d io ( o p t io n al) b i o s 2 c o m p o r t s su p e r i / o win b o n d 8 3 6 2 7 d h g-p gp i o 1066 / 1333 mh z f s b ch an n e l a dmi s p i l p c b u s dma 33/66/100 300 mh z us b 2.0/1.1 h d a u d i o p ci b u s p ci b u s p cie x 1 di s p l a y p o rt vga p cie x 1 ch an n e l b


▲Up To Search▲   

 
Price & Availability of PCA-6011G2-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X